PART |
Description |
Maker |
LPC2119 LPC2119FBD64 LPC2129 LPC2129FBD64 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
Philips Semiconductors
|
LPC2119FBD64 LPC2119LPC2129 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
Philips
|
LPC2124FBD64 LPC2124FBD64_00 LPC2124FBD64_01 LPC21 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
|
NXP Semiconductors
|
LPC2119FBD64 LPC2119FBD01 LPC2109FBD64 |
Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
|
NXP Semiconductors
|
LPC221208 LPC2212FBD14400 LPC2212FBD14401 LPC2214F |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
LPC2132FBD64/01 LPC2134FBD64/01 |
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
|
NXP Semiconductors N.V.
|
PIC24HJ128GP202 PIC24HJ128GP204 PIC24HJ128GP504 PI |
16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
|
Microchip Technology
|
P89LPC906 P89LPC906FD P89LPC907 P89LPC907FD P89LPC |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
|
Philips Semiconductors
|
P89LPC914FDH P89LPC912FDH P89LPC912HDH P89LPC912 P |
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
|
NXP Semiconductors
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
PIC32MX470F512H PIC32MX470F512L PIC32MX450 PIC32MX |
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog 32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
|
Microchip Technology
|
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|